PART |
Description |
Maker |
MCA104 |
Multi-Chip Array Two NPN and Two PNP High Speed / Medium Power Switching Transistors MULTI-CHIP ARRAY TWO NPN AND TWO PNP HIGH SPEED, MEDIUM POWER SWITCHING TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
|
Semelab PLC SEME-LAB[Seme LAB]
|
2N2369ACSM |
HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
SemeLAB SEME-LAB[Seme LAB]
|
FMMTL618 FMMTL618TA FMMTL618-15 |
NPN Low Sat Transistor SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR 1250 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Diodes Incorporated ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
2N1132CSM |
HIGH SPEED MEDIUM POWER
|
Seme LAB
|
2SC3981 2SC3981A |
TRANS NPN 40V 350MW SMD SOT23 5 A, 800 V, NPN, Si, POWER TRANSISTOR Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
2SC5280 EE08020 |
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY/ COLOR TV. HIGH SPEED SWITCHING APPLICATIONS) From old datasheet system NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
|
Toshiba Semiconductor
|
FXT458 |
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR From old datasheet system
|
ZETEX[Zetex Semiconductors]
|
2N2894ADCSM |
DUAL HIGH SPEED, MEDIUM POWER
|
Seme LAB
|
2SA1969 |
High-Frequency Medium-Output Amplifier, Medium-Current Ultrahigh-Speed Switching Applications
|
SANYO[Sanyo Semicon Device]
|
BUL53B |
ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR 12 A, 250 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd.
|